Part Number Hot Search : 
OV7411P 5262B 4920M KP120 TC74AC TFHD6 56F80 GBPC50
Product Description
Full Text Search
 

To Download MOV-10D201K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features high voltage rating high current rating bidirectional surge protection fast response time rohs compliant* agency recognition: applications power supplies power systems line voltage telecom systems white goods / appliances mov-10dxxxk series - metal oxide varistor *rohs directive 2002/95/ec jan. 27, 2003 including annex and rohs recast 2011/65/eu june 8, 2011. speci cations are subject to change without notice. customers should verify actual device performance in their speci c applications. industry standard compliance standard ul 1449 file number e313168 general information the mov-10dxxxk series of 10 mm radial leaded varistor devices protects against overvoltage transients such as lightning, power contact and power induction. the metal oxide varistors offer a choice of varistor voltages from 18 v to 820 v and v rms voltages from 11 v to 510 v. the devices have a high current handling, high energy absorption capability and fast response times to protect against transient faults up to rated limits. absolute maximum ratings (@ t a = 25 ? unless otherwise noted) parameter symbol min. typ. max. unit operating temperature t opr -40 25 +85 ?c storage temperature t stg -40 25 +125 ?c rated wattage p w 0.40 watt varistor voltage temperature coef cient v tc 0 0.05 % / ?c response time t r 10 25 ns varistor voltage tolerance v tol -10 10 % electrical characteristics (@ t a = 25 ? unless otherwise noted) bourns part no. max. continuous voltage (v) voltage @ 1 ma dc (v) voltage @ class current max. peak current max. energy max. cap. (8/20 s) (8/20 s) (j) (pf) r.m.s. d.c. min. nom. max. class current (a) max. clamping voltage (v) one time 8/20 s 1 khz mov-10d180k 11 14 16 18 20 5 36 500 2.1 5600 mov-10d220k 14 18 20 22 24 5 43 500 2.5 4250 mov-10d270k 17 18 24 27 30 5 53 500 3.0 3700 mov-10d330k 20 26 30 33 36 5 65 500 4.0 3000 mov-10d390k 25 31 35 39 43 5 77 500 4.6 2400 mov-10d470k 30 38 42 47 52 5 93 500 5.5 2100 mov-10d560k 35 45 50 56 62 5 110 500 7.0 1800 mov-10d680k 40 56 61 68 75 5 135 500 8.2 1500 mov-10d820k 50 65 74 82 90 25 135 2500 12 1200 mov-10d101k 60 85 90 100 110 25 165 2500 15 1000 mov-10d121k 75 100 108 120 132 25 200 2500 18 830 mov-10d151k 95 125 135 150 165 25 250 2500 22 670 mov-10d181k 115 150 162 180 198 25 300 2500 27 560 MOV-10D201K 130 170 185 200 225 25 340 2500 30 500 mov-10d221k 140 180 198 220 242 25 360 2500 32 450 mov-10d241k 150 200 216 240 264 25 395 2500 35 420 mov-10d271k 175 225 243 270 297 25 455 2500 40 370 mov-10d301k 190 250 270 300 330 25 500 2500 40 330 mov-10d331k 210 275 297 330 363 25 550 2500 43 300 mov-10d361k 230 300 324 360 396 25 595 2500 47 280 mov-10d391k 250 320 351 390 429 25 650 2500 60 260 mov-10d431k 275 350 387 430 473 25 710 2500 65 230 mov-10d471k 300 385 423 470 517 25 775 2500 70 210 mov-10d511k 320 415 459 510 561 25 845 2500 70 200 mov-10d561k 350 460 504 560 616 25 925 2500 70 180 mov-10d621k 385 505 558 620 682 25 1025 2500 70 160 mov-10d681k 420 560 612 680 748 25 1120 2500 70 150 mov-10d751k 460 620 675 750 825 25 1240 2500 75 130 mov-10d781k 480 640 702 780 858 25 1290 2500 80 130 mov-10d821k 510 675 738 820 902 25 1355 2500 85 110 *rohs compliant 10d201 k 5 standard itu-t k.20, k.21, k.45 MOV-10D201K mov-10d361k mov-10d391k mov-10d431k will pass 600 v rms, 600 ohm, 1 a, 0.2 s, 5 cycles, every 1 minute condition.
speci cations are subject to change without notice. customers should verify actual device performance in their speci c applications. 3312 - 2 mm smd trimming potentiometer 10d201k 5 t 12.5 (.492) max. 15.5 (.610) max. 0.8 ?0.1 (.031 ?.004) 7.5 ?0.8 (.295 ?.031) 20.0 (.787) min. product dimensions mov-10dxxxk series - metal oxide varistor typical part marking dimensions: mm (inches) bourns part number bourns part marking mov-10d180k 10d180k mov-10d220k 10d220k mov-10d270k 10d270k mov-10d330k 10d330k mov-10d390k 10d390k mov-10d470k 10d470k mov-10d560k 10d560k mov-10d680k 10d680k mov-10d820k 10d820k mov-10d101k 10d101k mov-10d121k 10d121k mov-10d151k 10d151k mov-10d181k 10d181k MOV-10D201K 10d201k mov-10d221k 10d221k mov-10d241k 10d241k mov-10d271k 10d271k mov-10d301k 10d301k mov-10d331k 10d331k mov-10d361k 10d361k mov-10d391k 10d391k mov-10d431k 10d431k mov-10d471k 10d471k mov-10d511k 10d511k mov-10d561k 10d561k mov-10d621k 10d621k mov-10d681k 10d681k mov-10d751k 10d751k mov-10d781k 10d781k mov-10d821k 10d821k this is an rohs compliant molded radial package with 100 % sn plating on the terminations. how to order mov - 10d nn (n) k (tr) model designator mov = metal oxide varistor disc diameter 10d = 10 mm nominal varistor voltage see electrical characteristics table multiplier of voltage digits 0 = no multiplier 1 = nn * 10 1 varistor voltage tolerance k = 10 % packaging blank = bulk tr = tape & reel examples: mov-10d270k = 27 v, bulk pack mov-10d331ktr = 330 v, tape & reel note: the ??marking on mov products is for traceability of production assembly for quality assurance compliance. bourns part number dim. t (max.) mov-10d180k 3.8 (.150) mov-10d220k 3.9 (.154) mov-10d270k 4.2 (.165) mov-10d330k 3.8 (.150) mov-10d390k 4.0 (.157) mov-10d470k 4.2 (.165) mov-10d560k 4.3 (.169) mov-10d680k 4.4 (.173) mov-10d820k 3.8 (.150) mov-10d101k 4.0 (.157) mov-10d121k 4.2 (.165) mov-10d151k 4.4 (.173) mov-10d181k 3.6 (.142) MOV-10D201K 3.8 (.150) mov-10d221k 3.9 (.154) bourns part number dim. t (max.) mov-10d241k 4.0 (.157) mov-10d271k 4.2 (.165) mov-10d301k 4.4 (.173) mov-10d331k 4.6 (.181) mov-10d361k 4.8 (.189) mov-10d391k 5.0 (.197) mov-10d431k 5.2 (.205) mov-10d471k 5.4 (.213) mov-10d511k 5.5 (.217) mov-10d561k 5.9 (.232) mov-10d621k 6.2 (.244) mov-10d681k 6.4 (.252) mov-10d751k 6.6 (.260) mov-10d781k 6.8 (.268) mov-10d821k 7.2 (.283)
speci cations are subject to change without notice. customers should verify actual device performance in their speci c applications. 3312 - 2 mm smd trimming potentiometer internal construction mov-10dxxxk series - metal oxide varistor performance graphs 10 100 1000 10000 0.001 0.01 0.1 1 10 100 1000 10000 current (a) maximum clamping voltage (v) 821k 781k 751k 681k 621k 561k 511k 471k 431k 391k 361k 331k 301k 271k 241k 221k 201k 181k 151k 121k 101k 820k 680k 560k 470k 390k 330k 270k 220k 180k
cddfn5-0504n - tvs/steering diode array packaging information tape & reel item symbol 10 mm disc reel outside diameter rd 355 (13.98) reel inner diameter rd1 30 (1.181) tape width rw 55 (2.16) reel width rw1 63 max. (2.48) max pitch of component p 25.4 ?0.7 (1.00 ?0.03) feed hole pitch p0 12.7 ?1.0 (0.50 ?0.04) feed hole center to pitch p1 8.95 ?0.7 (0.352 ?0.03) feed hole center to component center p2 12.7 ?1.0 (0.50 ?0.04) lead to lead distance f 7.50 ?0.8 (0.30 ?0.03) component alignment h 2.0 (0.079) tape width w 18.0 ?0.5 (0.71 ?0.02) hole down tape width w0 12.0 ?0.8 (0.47 ?0.03) hole position w1 9.0 ?0.5 (0.35 ?0.02) hole down tape position w2 3.0 max. (0.12) max. height from center to component base h 19.0 ?1.0 (0.75 ?0.04) seating plane height h0 16.0 ?1.0 (0.63 ?0.04) component height h1 36.0 max. (1.42) max crimp length c 2.60 typ. (0.10) max feed hole diameter d0 4.0 ?0.2 (0.16 ?0.08) total tape thickness t 0.6 ?0.3 (0.02 ?0.01) length of clippped height l 1.0 max. (0.04) max quantity per reel (10d180k ?10d391k) - 1000 quantity per reel (10d431k ?10d821k) - 500 rev. 08/12 speci cations are subject to change without notice. customers should verify actual device performance in their speci c applications. mov-10dxxxk series - metal oxide varistor h1 h w0 w1 t f p0 p1 d0 l p2 p h w2 w rd1 rd rw rw1 dimensions: mm (inches) bulk 250.0 (9.84) 170.0 (6.69) 60.0 (2.36) quantity = 1000 pcs. per box asia-paci c: tel: +886-2 2562-4117 fax: +886-2 2562-4116 europe: tel: +41-41 768 5555 fax: +41-41 768 5510 the americas: tel: +1-951 781-5500 fax: +1-951 781-5700 www.bourns.com


▲Up To Search▲   

 
Price & Availability of MOV-10D201K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X